|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0510160500 Active 1.50mm (.059") Pitch Cable Holder, Vertical, for Ribbon Cable, 5 Circuits Product Specification PS-51016-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 51016 One Piece No Board-In, Cable Holder Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Resin Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 5 Natural Vertical None Nylon 1 Yes Yes 0.062 In 1.60 mm Bag 0.059 In 1.50 mm N/A Yes No No -40C to +105C 1.30mm (.051") max. 26 Ribbon Cable Search Parts in this Series 51016Series Mates With N/A Use With Top-coated Ribbon Cable Electrical Current - Maximum per Contact Voltage - Maximum N/A N/A Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51016-001 SD-51016-001, SD-51016-002 This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 51016-0500 |